Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download NSR1020MW2T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSR1020MW2T1G Schottky Barrier Diodes
This Schottky Barrier Diode in the SOD-323 package offers extremely low Vf performance. The low forward voltage makes them capable of handling high current in a very small package. The resulting device is ideally suited for application as a blocking diode in charging applications or as part of discrete buck converter or discrete boost converter. As part of a buck conversion circuit, a boost conversion circuit or a charging circuit the low Vf drop of the schottky improves the efficiency of the overall device by consuming less power in the forward mode.
Features
http://onsemi.com
HIGH CURRENT SCHOTTKY BARRIER DIODE
* Low Forward Voltage - 0.24 Volts (Typ) @ IF = 10 mAdc * High Current Capability * ESD Rating - Human Body Model: CLASS 3B
- Machine Model: C
1 CATHODE
2 ANODE
* Pb-Free Packages are Available
2
MAXIMUM RATINGS (TJ = 125C unless otherwise noted)
Rating Reverse Voltage Peak Revese Voltage Forward Power Dissipation @ TA = 25C Derate above 25C Forward Current (DC) Continuous Forward Current t = 8.3 ms Half Sinewave Junction Temperature Storage Temperature Range Symbol VR VRM PF 200 2.0 IF 1 IF 5 TJ Tstg 125 Max -55 to +150 C C A mW mW/C A Value 20 30 Unit Vdc V 1 SOD-323 CASE 477 STYLE 1
MARKING DIAGRAM
RE MG G M
RE = Specific Device Code M = Date Code G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
Device Package Shipping
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
NSR1020MW2T1G SOD-323 3000/Tape & Reel (Pb-Free) NSR1020MW2T3G SOD-323 10,000/Tape & Reel (Pb-Free) For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2006
August, 2006 - Rev. 0
Publication Order Number: NSR1020MW2T1/D
NSR1020MW2T1G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Total Capacitance (VR = 5.0 V, f = 1.0 MHz) Reverse Leakage (VR = 15 V) Forward Voltage (IF = 1 mAdc) Forward Voltage (IF = 10 mAdc) Forward Voltage (IF = 100 mAdc) Forward Voltage (IF = 500 mAdc) Forward Voltage (IF = 1000 mAdc) Symbol CT IR VF VF VF VF VF Min - - - - - - - Typ 25 - - - - - - Max 29 40 0.20 0.26 0.33 0.44 0.54 Unit pF mAdc Vdc Vdc Vdc Vdc Vdc
1000 IF, FORWARD CURRENT (mA) IR, REVERSE CURRENT (mA)
10000 150C 1000 125C
100
150C
85C 100
10
85C -55C
10 25C 1
1 0.0
25C 0.1
-45C 0.2 0.3
0.4
0.5
0.6
0
5
10
15
20
25
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
Figure 1. Forward Voltage
Figure 2. Leakage Current
140 120 CT, CAPACITANCE (pF) 100 80 60 40 20 0 0 5 10 15 20 VR, REVERSE VOLTAGE (V)
Figure 3. Total Capacitance
http://onsemi.com
2
NSR1020MW2T1G
PACKAGE DIMENSIONS
SOD-323 CASE 477-02 ISSUE G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. LEAD THICKNESS SPECIFIED PER L/F DRAWING WITH SOLDER PLATING. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. 5. DIMENSION L IS MEASURED FROM END OF RADIUS. MILLIMETERS DIM MIN NOM MAX A 0.80 0.90 1.00 A1 0.00 0.05 0.10 A3 0.15 REF b 0.25 0.32 0.4 C 0.089 0.12 0.177 D 1.60 1.70 1.80 E 1.15 1.25 1.35 L 0.08 HE 2.30 2.50 2.70 STYLE 1: PIN 1. CATHODE 2. ANODE INCHES NOM MAX 0.035 0.040 0.002 0.004 0.006 REF 0.010 0.012 0.016 0.003 0.005 0.007 0.062 0.066 0.070 0.045 0.049 0.053 0.003 0.090 0.098 0.105 MIN 0.031 0.000
HE D
b
1
2
E
A3 A L
NOTE 5
C
NOTE 3
A1
SOLDERING FOOTPRINT*
0.63 0.025 0.83 0.033 1.60 0.063 2.85 0.112
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
3
NSR1020MW2T1/D


▲Up To Search▲   

 
Price & Availability of NSR1020MW2T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X